Part Number Hot Search : 
HC2344 10004 MUR30 BUZ51 500KL 1N3042TR C2012X7R 12C881UG
Product Description
Full Text Search
 

To Download FU-68SDF-V802M129B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI (OPTICAL DEVICES)
TENTATIVE
FU-68SDF-V802MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DESCRIPTION Module type FU-68SDF-V802MxxB is a 1.58m (L-Band) DFB-LD module with single-mode optical fiber. This module is suitable to a directly modulated light source for use in 2.5Gb/s digital optical communication systems. This module is prepared to expand the wavelength channels into L-Band for Dense-WDM transmission. FEATURES l Multi quantum wells (MQW) DFB Laser Diode module l Input impedance is 25 l Emission wavelength is in 1.58m band l High-speed response l Built-in optical isolator l Built-in thermal electric cooler l Butterfly package l With photodiode for optical output monitor APPLICATION High speed transmission systems (~2.5Gb/s) Dense-WDM systems OPTION l Wavelength option: 1565nm~1625nm are available ABSOLUTE MAXIMUM RATINGS (Tld=Tset) Parameter Symbol Conditions Rating Unit Laser diode Optical output Pf CW 6 mW power Forward current If CW 150 mA Reverse voltage Vrl 2 V Photodiode Reverse voltage Vrd 20 V Forward current Ifd 2 mA ThermoCooler current Ipe 1.3 A electric cooler Cooler voltage Vpe 3.1 V (Note) Operating case temperature Tc -20 ~ 70 C Storage temperature Tstg -40 ~ 85 C Note) Even if the thermo-electric cooler (TEC) is operated within the rated conditions, uncontrolled current loading or operation without heatsink may easily damage the module by exceeding the storage temperature range. Thermistor resistance should be properly monitored by the feedback circuit during TEC operation to avoid the catastrophic damage.
MITSUBISHI (OPTICAL DEVICES)
TENTATIVE
FU-68SDF-V802MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25 unless otherwise noted) C Parameter Symbol Test Conditions Limits Min. Typ. Threshold current Ith CW 10 Optical output power Pth CW, If=Ith at threshold current Operating current Iop CW, Pf=2mW 40 Operating voltage Vop CW, Pf=2mW 1.3 Input impedance Zin Pf=2mW 25 (Note 1) (Note 2) Light-emission central c wavelength -1 Central wavelength drift with c/Tc Tc=-20~70 C case temp. Laser operating temperature Tset 20 Spectral width (Note 1), -20dB 0.2 Side mode suppression ratio Sr (Note 1) 33 40 Dispersion penalty Pp (Note 1), at 10-10 BER, +1800ps/nm Cutoff frequency fc Pf=2mW 3.5 (-1.5dB optical) Rise and fall time tr, tf (Note 1) (10~90%) Relative intensity noise Nr CW, Pf=2mW, -155 0.5~3GHz Tracking error Er Tc=-20~70 C, (Note 3) APC, ATC Differential efficiency CW, Pf=2mW 0.057 0.07 Linearity
Unit Max. 25 100 65 1.8 mA W mA V nm pm/ C C nm dB dB GHz psec dB/Hz dB mW/ mA % mA dB A pF
0 35 0.4 2 150 -145 0.5 0.15
CW, Pf=0.2~2.4mW, -20 20 (Note 4) Monitor current Imon CW, Pf=2mW, Vrd=5V 0.1 2 Optical isolation Iso Tc=25C 35 23 Tc=-20~70 C Dark current (PD) Id 0.1 Vrd=5V, Tc=-20~70 C Capacitance (PD) Ct Vrd=5V, f=1MHz 10 23 Note 1) 2.48832Gb/s NRZ, 2 -1, Pf_ave=1mW, Extinction ratio 10dB, optical return loss of the connectors should be greater than 40dB in order to ensure the specified performance. Note 2) See Table 1. Note 3) Er=max|10xlog(Pf / Pf@25C)| Note 4) Variation of the differential efficiency from the straight line between 0.2mW and 2mW.
MITSUBISHI (OPTICAL DEVICES)
TENTATIVE
FU-68SDF-V802MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70C) Parameter Symbol Test Conditions Thermistor resistance B constant of Rth Cooling capacity Cooler current Cooler voltage Rth B T Ipe Vpe Tld=25 C Pf=2mW, Tc=70 C Pf=2mW, Tc=70 Tld=Tset C, Pf=2mW, Tc=70 Tld=Tset C, Min. 9.5 50 -
Limits Typ. 10 3950 0.6 1.2
Unit Max. 10.5 1 2 k K C A V
FIBER PIGTAIL SPECIFICATIONS Parameter Type Mode field diameter Cladding diameter Secondary coating outer diameter Connector Optical return loss of connector
Limits SM 9.5+/-1 125+/-2 0.9+/-0.1 FC/PC 40 (min)
Unit m m mm dB
DOCUMENTATION (Tld=Tset) * Fiber output power vs. Laser forward current at Tld=Tset and Tc=-20,25,70 C * BER curves at 2.48832Gb/s modulation * Threshold current (Ith) * Laser forward current (Iop) at Pf=2mW * Laser forward voltage (Vop) at Pf=2mW * Laser operating temperature (Tset) at c (Note 5) * Monitor current (Imon) at Pf=2mW * Thermistor resistance (Rth) * Cooler current (Ipe) at Pf=2mW and Tc=70C * Cooler voltage (Vpe) at Pf=2mW and Tc=70C Note 5) Tset is attached as a reference data. Rth should be used in order to tune the wavelength to the specified value accurately.
MITSUBISHI (OPTICAL DEVICES)
TENTATIVE
FU-68SDF-V802MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Table 1. Type number Type number (nm) c FU-68SDF-V802M103B 1567.13 FU-68SDF-V802M139B FU-68SDF-V802M104B 1567.54 FU-68SDF-V802M140B FU-68SDF-V802M105B 1567.95 FU-68SDF-V802M141B FU-68SDF-V802M106B 1568.36 FU-68SDF-V802M142B FU-68SDF-V802M107B 1568.77 FU-68SDF-V802M143B FU-68SDF-V802M108B 1569.18 FU-68SDF-V802M144B FU-68SDF-V802M109B 1569.59 FU-68SDF-V802M145B FU-68SDF-V802M110B 1570.01 FU-68SDF-V802M146B FU-68SDF-V802M111B 1570.42 FU-68SDF-V802M147B FU-68SDF-V802M112B 1570.83 FU-68SDF-V802M148B FU-68SDF-V802M113B 1571.24 FU-68SDF-V802M149B FU-68SDF-V802M114B 1571.65 FU-68SDF-V802M150B FU-68SDF-V802M115B 1572.06 FU-68SDF-V802M151B FU-68SDF-V802M116B 1572.48 FU-68SDF-V802M152B FU-68SDF-V802M117B 1572.89 FU-68SDF-V802M153B FU-68SDF-V802M118B 1573.30 FU-68SDF-V802M154B FU-68SDF-V802M119B 1573.71 FU-68SDF-V802M155B FU-68SDF-V802M120B 1574.13 FU-68SDF-V802M156B FU-68SDF-V802M121B 1574.54 FU-68SDF-V802M157B FU-68SDF-V802M122B 1574.95 FU-68SDF-V802M158B FU-68SDF-V802M123B 1575.37 FU-68SDF-V802M159B FU-68SDF-V802M124B 1575.78 FU-68SDF-V802M160B FU-68SDF-V802M125B 1576.20 FU-68SDF-V802M161B FU-68SDF-V802M126B 1576.61 FU-68SDF-V802M162B FU-68SDF-V802M127B 1577.03 FU-68SDF-V802M163B FU-68SDF-V802M128B 1577.44 FU-68SDF-V802M164B FU-68SDF-V802M129B 1577.86 FU-68SDF-V802M165B FU-68SDF-V802M130B 1578.27 FU-68SDF-V802M166B FU-68SDF-V802M131B 1578.69 FU-68SDF-V802M167B FU-68SDF-V802M132B 1579.10 FU-68SDF-V802M168B FU-68SDF-V802M133B 1579.52 FU-68SDF-V802M169B FU-68SDF-V802M134B 1579.93 FU-68SDF-V802M170B FU-68SDF-V802M135B 1580.35 FU-68SDF-V802M171B FU-68SDF-V802M136B 1580.77 FU-68SDF-V802M172B FU-68SDF-V802M137B 1581.18 FU-68SDF-V802M173B FU-68SDF-V802M138B 1581.60 FU-68SDF-V802M174B All wavelengths are referred to vacuum. Tolerance is c+/-0.05nm. (nm) c 1582.02 1582.44 1582.85 1583.27 1583.69 1584.11 1584.53 1584.95 1585.36 1585.78 1586.20 1586.62 1587.04 1587.46 1587.88 1588.30 1588.73 1589.15 1589.57 1589.99 1590.41 1590.83 1591.26 1591.68 1592.10 1592.52 1592.95 1593.37 1593.79 1594.22 1594.64 1595.06 1595.49 1595.91 1596.34 1596.76 (nm) c 1597.19 1597.62 1598.04 1598.47 1598.89 1599.32 1599.75 1600.17 1600.60 1601.03 1601.46 1601.88 1602.31 1602.74 1603.17 1603.60 1604.03 1604.46 1604.88 1605.31 1605.74 1606.17 1606.60 1607.04 1607.47 1607.90 1608.33 1608.76 1609.19 1609.62 1610.06 1610.49 1610.92 1611.35 1611.79
Type number FU-68SDF-V802M175B FU-68SDF-V802M176B FU-68SDF-V802M177B FU-68SDF-V802M178B FU-68SDF-V802M179B FU-68SDF-V802M180B FU-68SDF-V802M181B FU-68SDF-V802M182B FU-68SDF-V802M183B FU-68SDF-V802M184B FU-68SDF-V802M185B FU-68SDF-V802M186B FU-68SDF-V802M187B FU-68SDF-V802M188B FU-68SDF-V802M189B FU-68SDF-V802M190B FU-68SDF-V802M191B FU-68SDF-V802M192B FU-68SDF-V802M193B FU-68SDF-V802M194B FU-68SDF-V802M195B FU-68SDF-V802M196B FU-68SDF-V802M197B FU-68SDF-V802M198B FU-68SDF-V802M199B FU-68SDF-V802M200B FU-68SDF-V802M201B FU-68SDF-V802M202B FU-68SDF-V802M203B FU-68SDF-V802M204B FU-68SDF-V802M205B FU-68SDF-V802M206B FU-68SDF-V802M207B FU-68SDF-V802M208B FU-68SDF-V802M209B
MITSUBISHI (OPTICAL DEVICES)
TENTATIVE
OUTLINE DIAGRAM
FU-68SDF-V802MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
(Unit : mm)
28.4
FU-68SDF-V802MxxxB


▲Up To Search▲   

 
Price & Availability of FU-68SDF-V802M129B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X